PART |
Description |
Maker |
SFTW-203 |
Tubing Very Flexible Polyolefin
|
3M Electronics
|
120-100-1-2-06BE 120-100-1-2-06BF 120-100-1-2-06BK |
Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
|
Glenair, Inc.
|
018307-000 V4-2.5-0-SP-SM |
Very-thin-wall, highly flame-retardant, metric-sized heat-shrinkable tubing Single Wall Tubing
|
Tyco Electronics
|
FH33MHJ-65S-0.4SH FH33-45S-0.5SH FH33-14S-0.5SH FH |
0.4mm,0.5mm,1mm Pitch, 1.2mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
|
Hirose Electric
|
MAF84X1 MAB84X1 MAF84AX1 |
Shrink Tubing; Tubing Size Diameter:1"; Shrink Temperature:100 C; Wall Thickness Recovered Nominal:0.035"; Inner Diameter Max Recovered:0.500"; Expanded Inner Diameter:1.000"; Material:Polyolefin; Approval Bodies:UL, CSA 单芯位微控制 SINGLE CHIP 8 BIT MICROCONTROLLER
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers
|
PEX8533-AARDK PEX8533-AA25BI PEX8533-AA25BIG |
Flexible & Versatile PCI Express Switch Flexible & Versatile PCI Express垄芒 Switch Flexible & Versatile PCI Express⑩ Switch
|
PLX Technology
|
ES1000 |
Semirigid Polyolefin Tubing
|
Tyco Electronics
|
PP2380 PP1699 PP1698 PP2260 PP2290 PP2299 PP2298 P |
Heat Shrink Tubing
|
List of Unclassifed Manufacturers List of Unclassifed Manufac... List of Unclassifed Man...
|
RNF-100-1-BN-STK RT-3-NO.4-0-STK RNF-100-1-GN-STK |
Single Wall Tubing
|
Tyco Electronics
|
701800-COLOR-4 701800-COLOR-2 701800-COLOR-8 |
Neon-inspired tubing
|
List of Unclassifed Man...
|
Q-200E-13 |
HEAT SHRINK THIN WALL TUBING
|
Qualtek Electronics Cor...
|